PART |
Description |
Maker |
E528DN-100071 E528SN-100062 E528SNAS-100073 E528SN |
COIL .447UH TYPE MC122 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .137UH TYPE MC122 W/O CASE Close Wound
|
TOKO, Inc. TOKO INC
|
NJM2143RB1 NJM2143 NJM2143R |
COIL VAR H FREQ .68UH TYPE 7KMM COIL VARIABLE .08UH TYPE 5K SINGLE-SUPLLY DUAL OPERATIONAL AMPLIFIER From old datasheet system
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
E526HN-100304 E526HN-100315 E526HNA-100314 E526HN- |
COIL .13UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .0437UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .137UH TYPE MC120 W/CASE SHIELDED, VARIABLE INDUCTOR COIL .118UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .29UH TYPE MC120 W/CASE SHIELDED, VARIABLE INDUCTOR COIL .211UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .0461UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .141UH MC120 W/CASE SHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
LF2020NP-B-392 LF2020NP-B-222 LF2020NP-B-223 LF202 |
50/60 HZ, SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 AC COMMON MODE COIL Type: LF Series AC COMMON MODE COIL AC COMMON MODE COIL , Pin Type: LF Series
|
Sumida, Corp. Sumida Corporation
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
UADT12 UADB48 USDP120 UFDK28 UFDB120 USDP75 UADT48 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.095A (COIL), 12VDC (COIL), 1140mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.049A (COIL), 28VDC (COIL), 1372mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.009A (COIL), 120VDC (COIL), 1080mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 75VDC (COIL), 1275mW (COIL), 4A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 48VDC (COIL), 1296mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.194A (COIL), 6VDC (COIL), 1164mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT
|
|
R570.063.100 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.125A (COIL), 28VDC (COIL), 3500mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
R573.302.280 |
RF COAXIAL RELAY, SP12T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
R585.433.200 |
RF COAXIAL RELAY, DP3T, LATCHED, 0.16A (COIL), 28VDC (COIL), 4480mW (COIL), 18000MHz, PANEL MOUNT
|
RADIALL S A
|
SM-3-S-H-I-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.27A (COIL), 12VDC (COIL), 3240mW (COIL), 6000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
FTR-K3JB005W-LS |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.156A (COIL), 5VDC (COIL), 780mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
|